Part Number Hot Search : 
C01IML 2SC4032 S7812 10H301F 2SC403 IDT74FCT EZ240D05 P1022DS
Product Description
Full Text Search
 

To Download NL17SZU04XV5T2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NL17SZU04 Single Unbuffered Inverter
The NL17SZU04 is a single unbuffered inverter in two tiny footprint package. The device performs much as LCX multi-gate products in speed and drive.
Features
* * * * * * *
http://onsemi.com
Tiny SOT-353 and SOT-553 Packages Source/Sink $16 mA at 4.5 V VCC Over-V oltage Tolerant Inputs and Outputs Pin For Pin with NC7SZU04P5X, TC7SZU04FU and TC7SZU04AFE Chip Complexity: FETs = 20 Designed for 1.65 V to 5.5 V VCC Operation Pb-Free Packages are Available
MARKING DIAGRAMS
5 1 SOT-353/SC70-5/SC-88A DF SUFFIX CASE 419A d = Date Code 5 5 L6 D 1 1 5 L6d
NC
1
5
VCC
1 SOT-553 XV5 SUFFIX CASE 463B L6 D
A
2
= Device Marking = One Digit Date Code
GND
3
4
Y
PIN ASSIGNMENT Figure 1. Pinout (Top View)
Pin 1 2 3 4 A 1 Y 5 Function NC A GND Y VCC
Figure 2. Logic Symbol FUNCTION TABLE
Output Input A L H Y=A Y H L
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2005
1
January, 2005 - Rev. 4
Publication Order Number: NL17SZU04/D
NL17SZU04
MAXIMUM RATINGS
Symbol VCC VIN VOUT IIK IOK IOUT ICC TSTG TL TJ qJA PD MSL FR VESD DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Sink Current DC Supply Current per Supply Pin Storage Temperature Range Lead Temperature, 1 mm from Case for 10 Seconds Junction Temperature Under Bias Thermal Resistance Power Dissipation in Still Air at 85C Moisture Sensitivity Flammability Rating ESD Withstand Voltage Oxygen Index: 28 to 34 Human Body Model (Note 2) Machine Model (Note 3) Charged Device Model (Note 4) SOT-353 (Note 1) SOT-553 SOT-353 SOT-553 Parameter Value *0.5 to )7.0 *0.5 to )7.0 *0.5 to )7.0 *50 *50 $50 $100 *65 to )150 260 )150 350 496 186 135 Level 1 UL 94 V-0 @ 0.125 in Class IC Class A N/A V Unit V V V mA mA mA mA C C C C/W mW
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Measured with minimum pad spacing on an FR4 board, using 10 mm-by-1 inch, 2-ounce copper trace with no air flow. 2. Tested to EIA/JESD22-A114-A, rated to EIA/JESD22-A114-B. 3. Tested to EIA/JESD22-A115-A, rated to EIA/JESD22-A115-A. 4. Tested to JESD22-C101-A.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN VOUT TA tr, tf DC Supply Voltage DC Input Voltage DC Output Voltage Operating Temperature Range Input Rise and Fall Time VCC = 3.0 V $0.3 V VCC = 5.0 V $0.5 V Parameter (Operating) Data Retention Only Min 1.65 1.5 0 0 -40 0 0 Max 5.5 5.5 5.5 5.5 +85 100 20 Unit V V V C ns/V
http://onsemi.com
2
NL17SZU04
DC ELECTRICAL CHARACTERISTICS
VCC Symbol VIH Parameter High-Level Input Voltage Condition (V) 1.65 to 1.85 2.3 to 5.5 VIL Low-Level Input Voltage 1.65 to 1.85 2.3 to 5.5 VOH High-Level Output Voltage VIN = VIL or VIH IOH = -100 mA IOH = -3 mA IOH = -4 mA IOH = -6 mA IOH = -8 mA IOH = -12 mA IOH = -16 mA VOL Low-Level Output Voltage VIN = VIH or VOH IOL = 100 mA IOL = 3 mA IOL = 4 mA IOL = 6 mA IOL = 8 mA IOL = 12 mA IOL = 16 mA IIN IOFF ICC Input Leakage Current Power Off-Output Leakage Current Quiescent Supply Current VIN = VCC or GND VOUT = 5.5 V VIN = VCC or GND 1.65 to 5.5 1.65 2.3 2.7 3.0 3.0 4.5 1.65 to 5.5 1.65 2.3 2.7 3.0 3.0 4.5 0 to 5.5 0 1.65 to 5.5 VCC - 0.1 1.29 1.9 2.2 2.4 2.3 3.8 VCC 1.52 2.1 2.4 2.7 2.5 4.0 0.08 0.20 0.22 0.28 0.38 0.42 0.1 0.24 0.3 0.4 0.4 0.55 0.55 $0.1 1 1 Min 0.85 VCC 0.8 VCC 0.15 VCC 0.2 VCC VCC - 0.1 1.29 1.9 2.2 2.4 2.3 3.8 0.1 0.24 0.3 0.4 0.4 0.55 0.55 $1.0 10 10 mA mA mA V TA = 255C Typ Max *405C v TA v 855C Min 0.85 VCC 0.8 VCC 0.15 VCC 0.2 VCC V V Max Unit V
AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns
VCC Symbol tPLH tPHL Parameter Propagation Delay (Figure 3 and 4) (Fi d) Condition RL = 1 MW, CL = 15 pF RL = 1 MW, CL = 15 pF RL = 1 MW, CL = 15 pF RL = 500 W, CL = 50 pF RL = 1 MW, CL = 15 pF RL = 500 W, CL = 50 pF 5.0 $ 0.5 (V) 1.8 $ 0.15 2.5 $ 0.2 3.3 $ 0.3 TA = 255C Min 1.0 0.8 0.5 1.0 0.5 0.8 Max 11.7 6.2 4.5 6.0 3.9 5.0 *405C v TA v 855C Min 1.0 0.8 0.5 1.0 0.5 0.8 Max 12.1 6.5 4.8 6.5 1.0 5.5 Unit ns
CAPACITIVE CHARACTERISTICS
Symbol CIN CPD Input Capacitance Power Dissipation Capacitance (Note 5) ( ) Parameter Condition VCC = 5.5 V, VI = 0 V or VCC 10 MHz, VCC = 3.3 V, VI = 0 V or VCC 10 MHz, VCC = 5.5 V, VI = 0 V or VCC Typical 4.5 6.5 10 Unit pF pF
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC. CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
http://onsemi.com
3
NL17SZU04
tf = 3 ns
90% 90% 50% 10%
tf = 3 ns VCC
INPUT A and B
50% 10%
GND RL CL
OUTPUT
tPHL
tPLH VOH
INPUT
OUTPUT Y
50%
50%
VOL
A 1-MHz square input wave is recommended for propagation delay tests.
Figure 3. Switching Waveform
Figure 4. Test Circuit
DEVICE ORDERING INFORMATION
Device Nomenclature Device Order Number NL17SZU04DFT2 Logic Circuit Indicator NL No. of Gates per Package 1 Temp Range Identifier 7 Device Function U04 Package Suffix DF Tape and Reel Suffix T2 Package Type SOT-353/ SC70-5/ SC-88A SOT-353/ SC70-5/ SC-88A (Pb-Free) SOT-553* Tape and Reel Size 178 mm, 3000 Unit 178 mm, 3000 Unit
Technology SZ
NL17SZU04DFT2G
NL
1
7
SZ
U04
DF
T2
NL17SZU04XV5T2
NL
1
7
SZ
U04
XV5
T2
178 mm, 4000 Unit
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *All Devices in Package SOT553 are Inherently Pb-Free.
http://onsemi.com
4
NL17SZU04
PACKAGE DIMENSIONS
SOT-353 DF SUFFIX 5-LEAD PACKAGE CASE 419A-02 ISSUE G
A G
5
4
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419A-01 OBSOLETE. NEW STANDARD 419A-02. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS.
S
1 2 3
-B-
DIM A B C D G H J K N S
D 5 PL
0.2 (0.008)
M
B
M
N J C
INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --- 0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087
MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --- 0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20
H
K
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025 0.40 0.0157
1.9 0.0748
SCALE 20:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
NL17SZU04
PACKAGE DIMENSIONS
SOT-553 XV5 SUFFIX 5-LEAD PACKAGE CASE 463B-01 ISSUE A
A -X- C K
4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. MILLIMETERS MIN MAX 1.50 1.70 1.10 1.30 0.50 0.60 0.17 0.27 0.50 BSC 0.08 0.18 0.10 0.30 1.50 1.70 BASE 1 EMITTER 1/2 BASE 2 COLLECTOR 2 COLLECTOR 1 INCHES MIN MAX 0.059 0.067 0.043 0.051 0.020 0.024 0.007 0.011 0.020 BSC 0.003 0.007 0.004 0.012 0.059 0.067 STYLE 2: PIN 1. 2. 3. 4. 5. CATHODE ANODE CATHODE CATHODE CATHODE
5
1
2
3
B -Y-
S
D G
5 PL M
J XY
0.08 (0.003)
DIM A B C D G J K S
STYLE 1: PIN 1. 2. 3. 4. 5.
SOLDERING FOOTPRINT*
0.3 0.0118 0.45 0.0177 1.0 0.0394
1.35 0.0531
0.5 0.5 0.0197 0.0197
SCALE 20:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
NL17SZU04/D


▲Up To Search▲   

 
Price & Availability of NL17SZU04XV5T2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X